Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL321 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 48Page - Dialog Semiconductor AT25SL321 Datasheet HTML 49Page - Dialog Semiconductor AT25SL321 Datasheet HTML 50Page - Dialog Semiconductor AT25SL321 Datasheet HTML 51Page - Dialog Semiconductor AT25SL321 Datasheet HTML 52Page - Dialog Semiconductor AT25SL321 Datasheet HTML 53Page - Dialog Semiconductor AT25SL321 Datasheet HTML 54Page - Dialog Semiconductor AT25SL321 Datasheet HTML 55Page - Dialog Semiconductor AT25SL321 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
51
AT25SL321
DS-25SL321–112H–2020-10
Wrap Around in SPI mode
The Word Read Quad I/O instruction can also be used to access a specific portion within a page by issuing a
Set Burst with Wrap (77h) instruction prior to E7h. The Set Burst with Wrap (77h) instruction can either enable or
disable the Wrap Around feature for the following E7h commands. When Wrap Around is enabled, the output data
starts at the initial address specified in the instruction, once it reaches the ending boundary of the 8/16/32/64-
byte section, the output wraps around to the beginning boundary automatically until CS is pulled high to
terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then fill the
cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing read instructions.
The Set Burst with Wrap instruction allows three Wrap Bits, W6-4 to be set. The W4 bit is used to enable or
disable the Wrap Around operation while W6-5 is used to specify the length of the wrap around section within a
page. See
8.32 Set Burst with Wrap (77h)
The Set Burst with Wrap (77h) instruction is used in conjunction with Fast Read Quad I/O and Word Read
Quad I/O instructions to access a fixed length of 8/16/32/64-byte section within a 256-byte page. Certain
applications can benefit from this feature and improve the overall system code execution performance. Before the
device accepts the Set Burst with Wrap instruction, a Quad enable of Status Register-2 must be set (Status
Register bit QE must equal 1).
The Set Burst with Wrap instruction is initiated by driving the CS pin low and then shifting the instruction code
77h followed by 24 dummy bits and 8 Wrap Bits, W7-0. The instruction sequence is shown in Set Burst with Wrap
Instruction Sequence. Wrap bit W7 and W3-0 are not used.
Once W6-4 is set by a Set Burst with Wrap instruction, all the following Fast Read Quad I/O and Word Read Quad
I/O instructions use the W6-4 setting to access the 8/16/32/64-byte section within any page. To exit the Wrap
Around function and return to normal read operation, issue to set W4=1, another Set Burst with Wrap instruction.
The default value of W4 upon power on is 1. In the case of a system Reset while W4 = 0, it is recommended that
the controller issues a Set Burst with Wrap instruction or Reset (99h) instruction to reset W4 = 1 prior to any
normal Read instructions since AT25SL321 does not have a hardware Reset Pin.
Table 8-6.
Set Burst with Wrap W6:W4 Encoding
W6, W5
W4 = 0
W4 = 1 (Default)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
00
Yes
8-byte
No
N/A
01
Yes
16-byte
No
N/A
10
Yes
32-byte
No
N/A
11
Yes
64-byte
No
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com