Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 59 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 59 Page - ams AG

Back Button AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG AS3911 Datasheet HTML 61Page - ams AG AS3911 Datasheet HTML 62Page - ams AG AS3911 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 159 page
background image
ams Datasheet
Page 59
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Reset Rx Gain
This command initializes the AGC, Squelch and RSSI block.
Sending this command stops a squelch process in case it is
going on, clears the current Squelch setting and loads the
manual gain reduction from Receiver Configuration Register 4.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Adjust Regulators
When this command is sent the power supply level of VDD is
measured in maximum load conditions and the regulated
voltage reference is set 250 mV below this measured level to
assure maximum possible stable regulated supply (Power
Supply System). Using this command increases the system
PSSR.
At the beginning of execution of this command, both the
receiver and transmitter are switched on to have the maximum
current consumption, the regulators are set to the maximum
regulated voltage (5.1 V in case of 5 V supply and 3.4 V in case
of 3.3 V supply mode). After 300 μs VSP_RF is compared to VDD,
in case VSP_RF is not at least 250 mV lower the regulator setting
is reduced for one step (120 mV in case of 5 V supply and 100
mV in case of 3.3 V supply mode) and measurement is done after
next 300 μs. Procedure is repeated until VSP_RF drops at least
250 mV below VDD or until minimum regulated voltage (3.9 V
in case of 5 V supply and 2.4 V in case of 3.3 V supply mode) is
reached.
Duration time: 5 ms max.
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
This command is not accepted in case the external definition
of the regulated voltage is selected in the Regulator Voltage
Control Register (bit reg_s is set to H)
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after
command execution is terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com