Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 23 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 23 Page - ams AG

Back Button AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
ams Datasheet
Page 23
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Digitizing Stage
Digitizing stage is producing a digital form of sub-carrier signal
which is output of Receiver and input to Framing Logic. It is a
window comparator with adjustable digitizing window (five
possible settings, 3 dB steps, adjustment range from ±33 mV to
±120 mV). Adjustment of the digitizing window is included in
AGC and Squelch loops or can be manually set in Receiver
Configuration Register 4.
AGC, Squelch and RSSI
As mentioned above second and third gain stage gain and the
Digitizing stage digitizing window are included in AGC and
Squelch loops. Eleven settings are available, default state
features minimum digitizer window and maximum gain, first
four steps increase the digitizer window in 3 dB steps, next six
steps additionally reduce the gain in 2nd and 3rd gain stage also
in 3 dB steps. The initial setting with which Squelch and AGC
start is defined in Receiver Configuration Register 4. The Gain
Reduction State Register displays the actual state of gain which
results from Squelch, AGC and initial settings in Receiver
Configuration Register 4.
Squelch
This feature is designed for operation of receiver in noisy
environment. The noise can come from tags in which
processing of data sent by the reader is going on and an answer
is being prepared. Noise can also be generated by noisy
environment. This noise may be misinterpreted as start of
transponder response which results in decoding error.
During execution of the Squelch procedure the output of
Digitizing comparator is observed. In case there are more than
two transitions on this output in 50 μs time period, gain is
reduced for 3 dB and output is observed during next 50 μs. This
procedure is repeated until number of transitions in 50 μs is
lower or equal to 2 or until maximum gain reduction is reached.
000
0
1
1
41.1
25.8
23.6
8.3
46.8
Automatic preset FeliCa (fc/64, fc/32)
Alternative choice for ISO14443 fc/32 and
fc/16
101
0
1
0
30
20
12
2
34
Alternative choice for fc/8 and fc/4
101
1
0
0
30
20
12
2
34
Automatic preset for fc/8 and fc/4
000
1
0
1
36.5
21.5
24.9
9.9
41.5
Automatic preset for NFCIP-1 (initiator and
target)
Gain [dB]
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com