Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 33 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 33 Page - ams AG

Back Button AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
ams Datasheet
Page 33
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Phase and Amplitude Detector
This block is used to provide input to A/D Converter to perform
measurements of amplitude and phase, expected by direct
commands Measure Amplitude and Measure Phase. Several
phase and amplitude measurements are also performed by
direct commands Calibrate Modulation Depth and Calibrate
Antenna.
Phase Detector
The phase detector is observing phase difference between the
transmitter output signals (RFO1 and RFO2) and the receiver
input signals RFI1 and RFI2, which are proportional to the signal
on the antenna LC tank. These signals are first passed by
digitizing comparators. Digitized signals are processed by a
phase detector with a strong low pass filter characteristics to
get average phase difference. The Phase Detector output is
inversely proportional to the phase difference between the two
inputs. The 90° phase shift results in VSP_A/2 output voltage,
in case both inputs are in phase output voltage is VSP_A in case
they are in opposite phase output voltage is zero. During
execution of direct command Measure Phase this output is
multiplexed to A/D Converter input (A/D Converter is in relative
mode during execution of command Measure Phase). Since the
A/D converter range is from 1/6 VSP_A to 5/6 VSP_A the actual
phase detector range is from 30º to 150º. Figures below depict
the two inputs and output of phase detector in case of 90º and
135º phase shift.
Figure 19:
Phase Detector Inputs and Output in Case of 90º Phase Shift
VSP
VSP
VSP
0
VSP/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com