Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 36 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 36 Page - ams AG

Back Button AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 159 page
background image
Page 36
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Figure 21:
Recommended Blocking Capacitor Values
Figure 22:
The AS3911 Power Supply System
Regulators have two basic operation modes depending on
supply voltage, 3.3V supply mode (max 3.6V) and 5V supply
mode (max 5.5V ). The supply mode is set by writing bit sup3V
in the IO Configuration Register 2. Default setting is 5V so this
bit has to be set to one after power-up in case of 3.3V supply.
In 3.3V mode all regulators are set to the same regulated voltage
in range from 2.4V to 3.4V, while in 5V only the VSP_RF can be
set in range from 3.9V to 5.1V, while VSP_A and VSP_D are fixed
to 3.4V.
Figure 22 depicts signals controlling the power supply system.
The regulators are operating when signal en is high (en is
configuration bit in Operation Control Register). When signal
en is low the AS3911 is in low power Power-down mode. In this
mode consumption of the power supply system is also
minimized.
Pins
Recommended Capacitors
AGD-VSS
1μF || 10nF
VSP_A-VSN_A
VSP_D-VSN_D
2.2μF || 10nF
2.2μF || 10nF
VSP_RF-VSN_RF
2.2μF || 10nF
Power-down
Support
sup3V
50 ohm
RV<3:0>
VSP_RF
REG
EN
BGR
&
AGC
AUTOREG
VSP_A
VSP_RF
VSP_D
AGD
reg2Bh
VDD
reg2Ah
VSP_A
REG
VSP_D
REG
adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com