Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 32 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 32 Page - ams AG

Back Button AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
Page 32
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
General Purpose Timer
The triggering of the General Purpose Timer is configured by
setting the General Purpose and No-Response Timer Control
Register. It can be used to survey the duration of reception
process (triggering by start of reception, after SOF) or to time
out the PCD to PICC response time (triggered by end of
reception, after EOF). In the NFCIP-1 active communication
mode it is used to timeout the field switching off. In all cases an
IRQ is sent when it expires.
The General Purpose Timer can also be started by sending the
direct command Start General Purpose Timer. In case this
command is sent while the timer is running, it is reset and
restarted.
Wake-Up Timer
Wake timer is primarily used in the Wake-up mode (see
Wake-Up Mode). Additionally it can be used by sending a direct
command Start Wake-up Timer. This command is accepted in
any operation mode except Wake-up mode. When this
command is send the RC oscillator, which is used as clock source
for wake-up timer is started, timeout is defined by setting in the
Wake-Up Timer Control Register. When the timer expires, an IRQ
with the I_wt flag in the Error and Wake-Up Interrupt Register
is sent.
Wake-up timer is useful in the Power-down mode, in which
other timers cannot be used (in the Power-down mode the
crystal oscillator, which is clock source for the other timers, is
not running). Please note that the tolerance of wake-up timer
timeout is defined by tolerance of the RC oscillator.
A/D Converter
The AS3911 contains an 8-bit successive approximation A/D
converter. Input to A/D converter can be multiplexed from
different sources to be used in several direct commands and
adjustment procedures. The result of last A/D conversion is
stored in the A/D Converter Output Register. Typical conversion
time is 224/fc (16.5 μs).
The A/D converter has two operating modes, absolute and
relative.
• In absolute mode the low reference is 0V and the high
reference is 2V. This means that A/D converter input range
is from 0 to 2V, 00h code means input is 0V or lower, FFh
means that input is 2V - 1LSB or higher, LSB is 7.8125 mV.
• In relative mode low reference is 1/6 of VSP_A and high
reference is 5/6 of VSP_A, so the input range is from 1/6
VSP_A to 5/6 VSP_A.
Relative mode is only used in phase measurement (phase
detector output is proportional to power supply). In all other
cases absolute mode is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com