Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 12 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 12 Page - ams AG

Back Button AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG AS3911 Datasheet HTML 15Page - ams AG AS3911 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Typical Operating Characteristics
Thermal Resistance and Max. Power Dissipation
Figure 10:
TCASE vs. Power with Different Copper Area @ TAMB = 25°C
Figure 11:
RthCA vs. Copper Area
Typical Operating
Characteristics
Tcase vs Power QFN32 with different copper area. Tamb = 25°C
20
30
40
50
60
70
80
90
100
0
0,5
1
1,5
2
2,5
Power Dissipation [W]
0x0mm
10x10mm
20x20mm
30x30mm
40x40mm
50x50mm
60x60mm
70x70mm
Rth_CA [K/W] vs Copper Area
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
Area [cm^2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com