Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 38 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 38 Page - ams AG

Back Button AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 159 page
background image
Page 38
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
VSP_A and VSP_D Regulators
VSP_A and VSP_D regulators are used to supply the AS3911
analog and digital blocks respectively. In 3.3 V mode, VSP_A and
VSP_D regulator are set to the same regulated voltage as the
VSP_RF regulator, in 5 V mode VSP_A and VSP_D regulated
voltage is fixed to 3.4 V.
The use of VSP_A and VSP_D regulators is obligatory in 5 V mode
since analog and digital blocks supplied with these two pins
contain low voltage transistors which support maximum supply
voltage of 3.6 V. In 3.3 supply mode the use of regulators is
strongly recommended in order to improve PSRR of analog
processing.
For low cost applications it is possible to disable the VSP_D
regulator and to supply digital blocks through external short
between VSP_A and VSP_D (configuration bit vspd_off in the IO
Configuration Register 2). In case VSD_D regulator is disabled
VSP_D can alternatively be supplied from VDD (in 3.3 V mode
only) in case VSP_A is not more than 300mV lower than VDD.
Power-Down Support Block
In the Power-down mode the regulators are disabled in order
to save current. In this mode a low power Power-down Support
block which maintains the VSP_D and VSP_A in below 3.6V is
enabled. Typical regulated voltage in this mode is 3.1V at 5V
supply and 2.2V at 3V supply. When 3.3 V supply mode is set
the Power-down Support block is disabled, its output is
connected to VDD through 1kΩ resistor.
Typical consumption of Power-down Support block is 600nA at
5V supply.
Measurement of Supply Voltages
Using direct command Measure Power Supply it is possible to
measure VDD and regulated voltages VSP_A, VSP_D, and
VSP_RF.
Communication to External Microcontroller
The AS3911 is a slave device and the external microcontroller
initiates all communication. Communication is performed by a
4-wire Serial Peripheral Interface (SPI). The AS3911 asks
microcontroller for its attention by sending an interrupt (pin
IRQ). In addition, the microcontroller can use clock signal
available on pin MCU_CLK when the oscillator is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com