Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 34 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 34 Page - ams AG

Back Button AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 159 page
background image
Page 34
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Figure 20:
Phase Detector Inputs and Output in Case of 135º Phase
Shift
Amplitude Detector
Signals from pins RFI1 and RFI2 are used as inputs to the
self-mixing stage. Output of this stage is DC voltage
proportional to amplitude of signal on pins RFI1 and RFI2.
During execution of direct command Measure Amplitude this
output is multiplexed to A/D Converter input.
External Field Detector
The External Field Detector is used to detect the presence of an
external device generating an RF field. It is automatically
switched on in NFCIP-1 active communication modes; it can
also be used in other modes. The External Field Detector
supports two different detection thresholds, Peer Detection
Threshold and Collision Avoidance Threshold. The two
thresholds can be independently set by writing the External
Field Detector Threshold Register. The actual state of the
External Field Detector output can be checked by reading the
Auxiliary Display Register. Input to this block is the signal from
the RFI1 pin.
Peer Detection Threshold
This threshold is used to detect the field emitted by peer NFC
device with which NFC communication is going on (initiator
field in case the AS3911 is a target and the opposite, target field
in case the AS3911 is an initiator). It can be selected in the range
from 75mVpp to 800mVpp. When this threshold is enabled the
External Field Detector is in low power mode. An interrupt is
generated when an external field is detected and also when it
VSP
VSP
0
VSP/2
VSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com