Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 21 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 21 Page - ams AG

Back Button AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
ams Datasheet
Page 21
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Filtering and Gain Stages
The receiver chain has band pass filtering characteristics.
Filtering is optimized to pass sub-carrier frequencies while
rejecting carrier frequency and low frequency noise and DC
component. Filtering and gain is implemented in three stages
where the first and the last stage have the first order high pass
characteristics, while the mid stage has second order low pass
characteristic.
Gain and filtering characteristics can be optimized for current
application by writing the Receiver Configuration Register 1
(filtering), Receiver Configuration Register 3 (gain in first stage)
and Receiver Configuration Register 4 (gain in second and third
stage).
Gain of first stage is about 20dB and can be reduced in six 2.5
dB steps. There is also a special boost mode available, which
boosts the maximum gain for additional 5.5 dB. In case of VHBR
(fc/8 and fc/4) the gain is lower. The first stage gain can only be
modified by writing Receiver Configuration Register 3. The
default setting of this register is the minimum gain. Default first
stage zero is located at 60 kHz, it can also be lowered to 40kHz
or 12 kHz by writing option bits in the Receiver Configuration
Register 1. The control of the first and third stage zeros is done
with common control bits (see Figure 16).
Gain in the second and third stage is 23 dB and can be reduced
in six 3 dB steps. Gain of these two stages is included in AGC
and Squelch loops or can be manually set in Receiver
Configuration Register 4. Sending of direct command Reset Rx
Gain is necessary to reset the AGC, Squelch and RSSI block.
Sending this command clears the current Squelch setting and
loads the gain reduction configuration from Receiver
Configuration Register 4 into the internal shadow registers of
AGC/Squelch block. Second stage has a second order low pass
filtering characteristic, the pass band is adjusted according to
sub-carrier frequency using the bits lp2 to lp0 of the Receiver
Configuration Register 1. See Figure 15 for -1dB cut-off
frequency for different settings.
Figure 15:
Low Pass Control
rec1<5> lp2
rec1<4> lp1
rec1<3> lp0
-1 dB point
0
0
0
1200 kHz
001
600 kHz
010
300 kHz
100
2 MHz
101
7 MHz
Other
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com