Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 49 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 49 Page - ams AG

Back Button AS3911 Datasheet HTML 45Page - ams AG AS3911 Datasheet HTML 46Page - ams AG AS3911 Datasheet HTML 47Page - ams AG AS3911 Datasheet HTML 48Page - ams AG AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
ams Datasheet
Page 49
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
After data reception is terminated the external microcontroller
needs to know how much data is still stored in the FIFO: This
information is available in the FIFO Status Register 1 and FIFO
Status Register 2 which displays number of bytes in the FIFO
which were not read out. FIFO Status Register 1 can also be read
while reception and transmission processes are active to get
info about current number of bytes in FIFO. In that case user
has to take in account that Rx/Tx process is going on and that
the number of data bytes in FIFO may have already changed by
the time the reading of register is finished.
The FIFO Status Register 2 additionally contains two bits which
indicate that the FIFO was not correctly served during reception
or transmission process (FIFO overflow and FIFO underflow).
FIFO overflow is set when too much data is written in FIFO. In
case this bit is set during reception the external controller did
not react on time on water level IRQ and more than 96 bytes
were written in the FIFO. The received data is of course
corrupted in such a case. During transmission this means that
controller has written more data than FIFO size. The data to be
transmitted was corrupted.
FIFO underflow is set when data was read from empty FIFO. In
case this bit is set during reception the external controller read
more data than was actually received. During transmission this
means that controller has failed to provide the quantity of data
defined in number of transmitted bytes registers on time.
Pin MCU_CLK
Pin MCU_CLK may be used as clock source for the external
microcontroller. Depending on the operation mode either a low
frequency clock (32 kHz) from the RC oscillator or the clock
signal derived from crystal oscillator is available on pin
MCU_CLK. The MCU_CLK output pin is controlled by bits out_c1,
out_cl0 and lf_clk_off in the IO Configuration Register 1. Bits
out_cl enable the use of pin MCU_CLK as clock source and
define the division for the case the crystal oscillator is running
(13.56MHz, 6.78MHz and 3.39MHz are available). Bit lf_clk_off
controls the use of low frequency clock (32kHz) in case the
crystal oscillator is not running. By default configuration, which
is defined at power-up, the 3.39MHz clock is selected and the
low frequency clock is enabled.
In case the Transparent mode (see Stream Mode and
Transparent Mode) is used the use of MCU_CLK is mandatory
since clock which is synchronous to the field carrier frequency
is needed to implement receive and transmit framing in the
external controller. The use of MCU_CLK is recommended also
for the case where the internal framing is used. Using MCU_CLK
as the microcontroller clock source generates noise which is
synchronous to the reader carrier frequency and is therefore
filtered out by the receiver while using some other incoherent
clock source may produce noise which perturbs the reception.
Use of MCU_CLK is also better for EMC compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com