Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 83 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 83 Page - ams AG

Back Button AS3911 Datasheet HTML 79Page - ams AG AS3911 Datasheet HTML 80Page - ams AG AS3911 Datasheet HTML 81Page - ams AG AS3911 Datasheet HTML 82Page - ams AG AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
ams Datasheet
Page 83
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Receiver Configuration Register 4
Figure 63:
Receiver Configuration Register 4
Note(s):
1. Default setting is set at power-up and after Set Default command.
2. Sending of direct command Reset Rx Gain is necessary to load the value of this register into AGC, Squelch, and RSSI block.
Address 0Dh: Receiver Configuration Register 4
(2nd and 3rd stage gain settings)
Type: RW
Bit
Name
Default
Function
Comments
7rg2_am3
0
AM channel: Gain reduction in
second and third stage and
digitizer
Values from 0h to Ah are used.
Other values are not used.
Settings 1h to 4h reduce gain
by increasing the digitizer
window in 3dB steps, values
from 5h to Ah additionally
reduce the gain in 2nd and 3rd
gain stage also in 3 dB steps.
6rg2_am2
0
5rg2_am1
0
4rg2_am0
0
3rg2_pm3
0
PM channel: Gain reduction in
second and third stage and
digitizer
Values from 0h to Ah are used.
Other values are not used.
Settings 1h to 4h reduce gain
by increasing the digitizer
window in 3dB steps, values
from 5h to Ah additionally
reduce the gain in 2nd and 3rd
gain stage also in 3 dB steps.
2rg2_pm2
0
1rg2_pm1
0
0rg2_pm0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com