Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 14 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 14 Page - ams AG

Back Button AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG AS3911 Datasheet HTML 15Page - ams AG AS3911 Datasheet HTML 16Page - ams AG AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 159 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Detailed Description
Transmitter
The transmitter incorporates drivers which drive external
antenna through pins RFO1 and RFO2. Single sided and
differential driving is possible. The transmitter block
additionally contains a sub-block which modulates transmitted
signal (OOK or configurable AM modulation).
The AS3911 transmitter is indented to directly drive antennas
(without 50
Ω cable, usually antenna is on the same PCB). Oper-
ation with 50
Ω cable is also possible, but in that case some of
the advanced features are not possible.
By applying FFh to the register 27h, the output driver are in
tristate.
Receiver
The receiver detects transponder modulation superimposed on
the 13.56MHz carrier signal. The receiver contains two receive
chains (one for AM and another for PM demodulation) which
are composed of a peak detector followed by two gain and
filtering stages and a final digitizer stage. The filter
characteristics are adjusted to optimize performance over
different ISO modes and bit rates (sub-carrier frequencies from
212 kHz to 6.8 MHz are supported). The receiver chain inputs
are RFI1 and RFI2 pins; output of digitizer stage is demodulated
sub-carrier signal. The receiver chain incorporates several
features which enable reliable operation in challenging phase
and noise conditions.
Phase and Amplitude Detector
The phase detector is observing the phase difference between
the transmitter output signals (RFO1 and RFO2) and the input
signals RFI1 and RFI2. Signals RFI1 and RFI2 are proportional to
the signal on the antenna LC tank. RFI1 and RFI2 signals are also
used to run the self-mixer which generates output proportional
to their amplitude. The phase detector and self-mixer blocks
are used for several purposes:
• PM demodulation by observing RFI1 and RFI2 phase
variation (LF signal is fed to the Receiver)
• Average phase difference between RFOx pins and RFIx
pins is used to check antenna tuning
• Output of mixer is used to measure amplitude of signal
present on pins RFI1 and RFI2
A/D Converter
The AS3911 contains a built in A/D Converter. Its input can be
multiplexed from different sources and is used in several
applications (measurement of RF amplitude and phase,
calibration of modulation depth…). The result of A/D
conversion is stored in a register which can be read through the
SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com