Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 54 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 54 Page - ams AG

Back Button AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 159 page
background image
Page 54
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
NFC Field ON Commands
These commands are used to perform the RF collision
avoidance and switch the field on in case no collision was
detected. The Collision avoidance threshold defined in the
External Field Detector Threshold Register is used to observe
the RF_IN inputs and to determine whether there is some other
device, which is emitting the 13.56 MHz field, present close to
the AS3911 antenna. In case collision is not detected the reader
field is switched on automatically (bit tx_en in the Operation
Control Register is set) and an IRQ with I_cat flag in Timer and
NFC Interrupt Register is sent after minimum guard time
defined by the NFCIP-1 standard to inform the controller that
message transmission using a Transmit command can be
initiated.
In case a presence of external field is detected an IRQ with I_cac
flag is sent. In such case a transmission cannot be performed,
NFC Field ON command has to be repeated as long as collision
is not detected any more.
Command NFC Initial Field ON performs Initial Collision
Avoidance according to NFCIP-1 standard; number n is defined
by bits nfc_n1 and nfc_n0 in Auxiliary Definition Register.
Command NFC Response Field ON performs Response Collision
Avoidance according to NFCIP-1 standard; number n is defined
by bits nfc_n1 and nfc_n0 in Auxiliary Definition Register.
Command NFC Response Field ON with n=0, performs
Response Collision Avoidance where n is 0.
Implemented active delay time is on lower NFCIP-1
specification limit, since the actual active delay time will also
include detection of the field deactivation, controller
processing delay and sending the NFC Field ON command.
Figure 38:
Direct Command NFC Initial Field ON
Start
RF On
TRFW
TIRFG
n x TRFW
TIDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com