Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 39 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 39 Page - ams AG

Back Button AS3911 Datasheet HTML 35Page - ams AG AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG AS3911 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
ams Datasheet
Page 39
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Serial Peripheral Interface (SPI)
While signal /SS is high the SPI interface is in reset, while it is
low the SPI interface is enabled. It is recommended to keep
signal /SS high whenever the SPI interface is not in use. MOSI is
sampled at the falling edge of SCLK. All communication is done
in blocks of 8 bits (bytes). First two bits of first byte transmitted
after high to low transition of /SS define SPI operation mode.
MSB bit is always transmitted first (valid for address and data).
Read and Write modes support address auto-incrementing,
which means that in case after the address and first data byte
some additional data bytes are sent (read), they are written to
(read from) addresses incremented by ‘1’. Figure 25 defines
possible modes.
MISO output is usually in tristate, it is only driven when output
data is available. Due to this the MOSI and the MISO can be
externally shorted to create a bidirectional signal.
During the time the MISO output is in tristate, it is possible to
switch on a 10k
Ω pull down by activating option bits miso_pd1
and miso_pd2 in the IO Configuration Register 2.
Figure 23:
Serial Data Interface (4-wire interface) Signal Lines
Figure 24:
Signal to Microcontroller
Name
Signal
Signal Level
Description
/SS
Digital input
CMOS
SPI Enable (active low)
MOSI
Digital input
CMOS
Serial data input
MISO
Digital output with
tristate
CMOS
Serial data output
SCLK
Digital input
CMOS
Clock for serial
communication
MOSI
MISO
MISO
MOSI
AS3911
MOSI
MISO
I/O
AS3911
Separate SPI Input and Output Signals to Microcontroller
Bidirectional Data IO Signal to Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com