Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 43 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 43 Page - ams AG

Back Button AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG AS3911 Datasheet HTML 43Page - ams AG AS3911 Datasheet HTML 44Page - ams AG AS3911 Datasheet HTML 45Page - ams AG AS3911 Datasheet HTML 46Page - ams AG AS3911 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 159 page
background image
ams Datasheet
Page 43
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing
data into an addressable registers. Difference is that in case of
loading more bytes all bytes go to the FIFO. SPI operation mode
bits 10 indicate FIFO operations. In case of loading transmitting
data into FIFO all bits <C5 – C0> are set to 0. Then a bit-stream,
the data to be sent (1 to 96 bytes), can be transferred. In case
the command is terminated by putting /SS high before a packet
of 8 bits composing one byte is sent, writing of that particular
byte in FIFO is not performed.
Figure 29 shows how to load the Transmitting Data into the
FIFO.
Figure 29:
SPI Communication: Loading of FIFO
10
0
0
0
0
0
0
1 to 96
bytes
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
10 pattern
indicates
FIFO mode
X
Start of payload
Data
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com