Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 53 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 53 Page - ams AG

Back Button AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
ams Datasheet
Page 53
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Direct command chaining is not allowed since this command
clears all registers.
IRQ due to termination of direct command is not produced.
Clear
This direct command stops all current activities (transmission
or reception), clears FIFO, clears FIFO Status Registers and stops
all timers except Wake-up timer (in case bit nrt_emv in the
General Purpose and No-Response Timer Control Register is set
to one, the No-response timer is not stopped). It also clears
collision and interrupt registers. This command has to be sent
first in a sequence preparing a transmission before writing data
to be transmitted in FIFO (except in case of direct commands
Transmit REQA and Transmit WUPA).
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transmit Commands
All Transmit commands (Transmit With CRC, Transmit Without
CRC, Transmit REQA and Transmit WUPA) are only accepted in
case the Transmitter is enabled (bit tx_en is set).
Before sending commands Transmit With CRC and Transmit
Without CRC direct command Clear has to be sent, followed by
definition of number of transmitted bytes and writing data to
be transmitted in FIFO.
Direct commands Transmit REQA and Transmit WUPA are used
to transmit ISO14443A commands REQA and WUPA
respectively. Sending command Clear before these two
commands is not necessary.
The number of valid bits in the last byte must be set to zero
(nbtx<2:0> in the Number of Transmitted Bytes Register 2) prior
to executing Transmit REQA or Transmit WUPA.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com