Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 9 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 9 Page - ams AG

Back Button AS3911 Datasheet HTML 5Page - ams AG AS3911 Datasheet HTML 6Page - ams AG AS3911 Datasheet HTML 7Page - ams AG AS3911 Datasheet HTML 8Page - ams AG AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
ams Datasheet
Page 9
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Electrical Characteristics
CMOS Outputs:
Valid for output pins MISO, IRQ and MCU_CLK, io_18=0 (See IO
Configuration Register 2).
Figure 8:
CMOS Outputs
Electrical Specification
VDD= 3.3V, Temperature 25°C unless noted otherwise.
3.3V supply mode, regulated voltages set to 3.4V, 27.12 MHz
Xtal connected to XTO and XTI.
Figure 9:
Electrical Specification
Symbol
Parameter
Conditions
Min
Type
Max
Unit
VOH
High level input voltage
ISOURCE = 1mA
ISINK = 1mA
0.9 *
VDD_IO
V
VOL
Low level input voltage
0.1 *
VDD_IO
V
CL
Capacitive load
50
pF
RO
Output Resistance
250
500
Ω
RPD
Pull-down resistance pin
MISO
Pull-down can be
enabled while MISO
output is in tristate.
The activation is
controlled by
register setting.
10
k
Ω
Symbol
Parameter
Min
Typ
Max
Unit
Comments
IPD
Supply current in
Power-down
mode
0.7
2
μA
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to 80h (3V
supply mode), register 02hset to 00h
register 03h set to 08h, other registers in
default state.
INFCT
Supply current in
initial NFC Target
mode
3.5
7
μA
Register 00h set to 0Fh (no clock on
MCU_CLK), register 01h set to 80h (3V
supply mode), register 02hset to 00h
register 03h set to 80h (enable NFC
Target mode), other registers in default
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com