Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 95 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 95 Page - ams AG

Back Button AS3911 Datasheet HTML 91Page - ams AG AS3911 Datasheet HTML 92Page - ams AG AS3911 Datasheet HTML 93Page - ams AG AS3911 Datasheet HTML 94Page - ams AG AS3911 Datasheet HTML 95Page - ams AG AS3911 Datasheet HTML 96Page - ams AG AS3911 Datasheet HTML 97Page - ams AG AS3911 Datasheet HTML 98Page - ams AG AS3911 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 159 page
background image
ams Datasheet
Page 95
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
FIFO Status Register 2
Figure 78:
FIFO Status Register 2
Note(s):
1. At power-up and after direct commands Set Default and Clear, content of this register is set to 0.
2. If FIFO is empty, the value of register FIFO Status Register 1 (0x1Ah) is 0x00, register bits fifo_ncp, fifo_lb2, fifo_lb1 and fifo_lb0
in register block 0x1Bh are cleared. Correct procedure for FIFO read is to read both "FIFO Status Register 1 & 2" and then read FIFO.
Second register values need to be saved in MCU, if non-complete bytes are in FIFO.
Address 1Bh: FIFO Status Register 2
Type: R
Bit
Name
Default
Function
Comments
7
6fifo_unf
FIFO underflow
Set when more bytes then
actual content of FIFO were
read
5
fifo_ovr
FIFO overflow
4
fifo_ncp
Last FIFO byte is not complete
3fifo_lb2
Number of bits in last FIFO byte
in case it was not complete
(fifo_npc=1)
In case of incomplete byte the
LSB part is valid
2fifo_lb1
1fifo_lb0
0
np_lb
Parity bit is missing in last byte
This is a framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com