Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 19 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 19 Page - ams AG

Back Button AS3911 Datasheet HTML 15Page - ams AG AS3911 Datasheet HTML 16Page - ams AG AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
ams Datasheet
Page 19
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Procedure to implement the slow transition:
• When transmitter is disabled set IO Configuration Register
2 bit slow_up to 1. Keep this state at least 2 ms to allow
discharge of VSP_RF.
• Enable transmitter, its output will ramp slowly.
• Before sending any command set the bit slow_up back
to 0.
Receiver
The receiver performs demodulation of the transponder
sub-carrier modulation which is superimposed on the
13.56MHz carrier frequency. It performs AM and/or PM
demodulation, amplification, band-pass filtering and
digitalization of sub-carrier signals. Additionally it performs
RSSI measurement, automatic gain control (AGC) and Squelch
function.
In typical application the Receiver inputs RFI1 and RFI2 are
outputs of capacitor dividers connected directly to the
terminals of antenna coil. Such concept assures that the two
input signals are in phase to the voltage on antenna coil. Care
has to be taken during design of capacitive divider that the RFI1
and RFI2 input signal pp value does not exceed the VSP_A
supply voltage.
Receiver comprises two complete receive channels for AM
demodulation and PM demodulation. In case both channels are
active the selection of channel used for reception framing is
done automatically by receive framing logic. The receiver is
switched on when Operation Control Register bit rx_en is set to
one. Additionally the Operation Control Register contains bits
rx_chn and rx_man; rx_chn defines whether both, AM and PM,
demodulation channels will be active or only one of them, while
bit rx_man defines the channel selection mode in case both
channels are active (automatic or manual). Operation of the
Receiver is controlled by four Receiver Configuration registers.
The operation of the receiver is additionally controlled by the
signal rx_on which is set high when modulated signal is
expected on the receiver input. This signal is used to control
RSSI and AGC and also enables processing of receiver output
by Framing logic. Signal rx_on is automatically set high after
Mask Receive timer expires. Signal rx_on can also be directly
controlled by the controller by sending direct commands Mask
Receive Data and Unmask Receive Data. Figure 14 illustrates the
Receiver block diagram.
Demodulation Stage
First stage performs demodulation of transponder sub-carrier
response signal, which is superimposed on HF field carrier. Two
different blocks are implemented for AM demodulation: Peak
Detector and AM demodulator mixer. The choice of the
demodulator, which is used, is made by the Receiver
Configuration Register 1 bit amd_sel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com