Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 46 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 46 Page - ams AG

Back Button AS3911 Datasheet HTML 42Page - ams AG AS3911 Datasheet HTML 43Page - ams AG AS3911 Datasheet HTML 44Page - ams AG AS3911 Datasheet HTML 45Page - ams AG AS3911 Datasheet HTML 46Page - ams AG AS3911 Datasheet HTML 47Page - ams AG AS3911 Datasheet HTML 48Page - ams AG AS3911 Datasheet HTML 49Page - ams AG AS3911 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 159 page
background image
Page 46
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
SPI Timing
Figure 33:
SPI Timing
Figure 34:
SPI General Timing
Symbol
Parameter
Min
Typ
Max
Unit
Notes
General Timing (VDD = VDD_IO = VSP_D = 3.3 V, Temperature 25°C)
TSCLK
SCLK period
100
ns
TSCLK=TSCLKL+TSCLKH, use
of shorter SCLK period
may lead to incorrect
operation of FIFO
TSCLKL
SCLK low
40
ns
TSCLKH
SCLK high
40
ns
TSSH
SPI reset (/SS high)
100
ns
TNCSL
/SS falling to SCLK rising
25
ns
First SCLK pulse
TNCSH
SCLK falling to /SS rising
25
(tbd)
ns
Last SCLK pulse
TDIS
Data in setup time
10
ns
TDIH
Data in hold time
10
ns
Read Timing (VDD = VDD_IO = VSP_D = 3.3 V, Temperature 25°C, CLOAD ≤50 pF)
TDOD
Data out delay
20
ns
TDOHZ
Data out to high
impedance delay
20
ns
...
...
...
DATAI
DATAI
DATAI
...
tSCLKH
tNCSL
tSCLKL
tDIS
tDIH
tNCSH
/SS
MOSI
MISO
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com