Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 29 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 29 Page - ams AG

Back Button AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
ams Datasheet
Page 29
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Auto-Averaging
In case of auto-averaging the reference value is recalculated
after every measurement. The last measurement value, the old
reference value and the weight are used in this calculation. The
following formula is used to calculate the new reference value.
The calculation is done on 10 bits to have sufficient precision.
The auto-averaging process is initialized when Wake-up mode
is first time entered after initialization (power-up or using Set
Default command). The initial value is taken from the
Measurement Display Register (for example Amplitude
Measurement Display Register) until the content of this register
is not zero.
Every Measurement Configuration register contains a bit which
defines whether the measurement which causes an interrupt is
taken in account for the average value calculation (for example
bit am_aam of the Amplitude Measurement Reference Regis-
ter).
Quartz Crystal Oscillator
The quartz crystal oscillator can operate with 13.56 MHz and
27.12 MHz crystals. The operation of quartz crystal oscillator is
enabled when the Operation Control Register bit en is set to
one. An interrupt is sent to inform the microcontroller when the
oscillator frequency is stable (see Main Interrupt Register).
The status of oscillator can be observed by observing the
Auxiliary Display Register bit osc_ok. This bit is set to ‘1’ when
oscillator frequency is stable.
The oscillator is based on an inverter stage supplied by
controlled current source. A feedback loop is controlling the
bias current in order to regulate amplitude on XTI pin to 1Vpp.
This feedback assures reliable operation even in case of low
quality crystals with Rs up to 50 Ω.In order to enable a fast reader
start-up an interrupt is sent when oscillator amplitude exceeds
750 mVpp.
Division by two assures that 13.56MHz signal has a duty cycle
of 50% which is better for the Transmitter performance (no PW
distortion). Use of 27.12MHz crystal is therefore recommended
for better performance.
In case of 13.56 MHz crystal, the bias current of stage which is
digitizing oscillator signal is increased to assure as low PW
distortion as possible.
Please note that in case of VHBR reception (bit rates fc/8 and
above) it is mandatory to use the 27.12MHz crystal since high
frequency clock is needed for receive framing.
(EQ1)
NewAverage
OldAverage
MeasuredValue
OldAverage
–
Weight
--------------------------------------------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com