Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3911 Datasheet(PDF) 13 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 13 Page - ams AG

Back Button AS3911 Datasheet HTML 9Page - ams AG AS3911 Datasheet HTML 10Page - ams AG AS3911 Datasheet HTML 11Page - ams AG AS3911 Datasheet HTML 12Page - ams AG AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG AS3911 Datasheet HTML 15Page - ams AG AS3911 Datasheet HTML 16Page - ams AG AS3911 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
ams Datasheet
Page 13
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Detailed Description
The circuit diagram in Figure 2 shows the AS3911 building
blocks.
Figure 12:
Minimum Configuration with Single Sided Antenna Driving Including EMC Filter
Figure 13:
Minimum Configuration with Differential Antenna Driving Including EMC Filter
Detailed Description
μC
VDD
/SS
MISO
MOSI
SCLK
IRQ
MCU_CLK
RF01
RF02
RFI1
RFI2
Antenna
Coil
TRIM1_x
TRIM2_x
CSO
CSI
AGD
VSS
VSP_A
VSP_RF
VSN_RF
VSN_A
VDD_IO
XTI
XTO
+1.6V ~ +5.5V
AS3911
+2.4V ~ +5.5V
VSP_D
VSN_D
VDD
/SS
MISO
MOSI
SCLK
IRQ
MCU_CLK
RF01
RF02
RFI1
RFI2
Antenna
Coil
TRIM1_x
TRIM2_x
CSO
CSI
AGD
VSS
VSP_A
VSP_RF
VSN_RF
VSN_A
VDD_IO
XTI
XTO
+1.6V ~ +5.5V
AS3911
+2.4V ~ +5.5V
VSP_D
VSN_D
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com