Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 114 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 110Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 111Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 112Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 113Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 114Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 115Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 116Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 117Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Package Information and Contact Assignments
Freescale Semiconductor
114
5.2.3
416 PoPBGA 13 x 13 mm Power Rails
Table 82 shows the device connection list for ground, power, sense, and reference contact signals. Table 85
displays an alpha-sorted list of the signal assignments including power rails and associated power supplies.
Table 82. 416 PoPBGA 13 x 13 mm Ground, Power, Sense, and Reference Contact Signals
Pin Name
Ball Number
Comments
GND_DCDC
W5
—
NVCC_EIM
N7 M7 M8
—
NVCC_EMI_DRAM
A21, B21, D21, D23, D24, E5, E6, E7, F5, G5, G7, K20,
L20, M20, N20, P20, R20, V18, V20, W20, Y18, Y19, Y20
These are the 1.2V supply to both the
i.MX50 DRAM controller as well as the
PoP LPDDR2.
NVCC_EPDC
M10, N10, P10, R10, U10
—
NVCC_JTAG
U9
—
NVCC_KEYPAD
N8
—
NVCC_LCD
U11
—
NVCC_MISC
P8
—
NVCC_NANDF
V9, V10
—
Table 81. 416 PoPBGA 13 x 13 mm Ball Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com