Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 117 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 113Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 114Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 115Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 116Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 117Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 118Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 119Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 120Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 136 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
117
5.3.1
400 MAPBGA 17 x 17 mm Package Views
Figure 65 shows the top view of the 17 x 17 mm package, Figure 66 shows the bottom view of the
package, and Figure 67 shows the side view of the package.
Figure 65. 400 MAPBGA 17x17 mm Package Top view
17
A1 INDEX AREA
17
B
C
0.15
Top View
4x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com