Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 116 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 112Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 113Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 114Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 115Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 116Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 117Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 118Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 119Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 136 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 7
Package Information and Contact Assignments
Freescale Semiconductor
116
5.3
17 x 17 mm, 0.8 mm Pitch, 400 Pin MAPBGA Package Information
This section contains the outline drawing, signal assignment map, ground, power, reference ID (by ball
grid location) for the 17 x 17 mm, 0.8 mm pitch, 400 pin MAPBGA package.
VDD2P5
AD4
—
VDD3P0
AD3
—
VDDA
P17, R17
—
VDDAL1
P15, R15
—
VDDGP
G10, G8, G9, H10, H7, H8, H9, J7, J8, K10, K7, K8, L10,
L7, L8
—
VDDO25
N23
—
VSS
A1, A24, AA11, AA18, AA2, AA9, AC18, AC3, AC4, AC6,
AC7, AD1, AD18, AD24, E17, E18, E21, E8, E9, F21,
G11, G12, G13, G21, G23, H11, H12, H13, K11, K12,
K13, L11, L12, L13, L14, L17, M11, M14, M15, M17, N11,
N14, N15, N17, P11, P12, P13, P14, R11, R12, R13,
R14, T17, U12, U13, U14, U15, U16, U17
—
Table 82. 416 PoPBGA 13 x 13 mm Ground, Power, Sense, and Reference Contact Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com