Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX503CVM8B Datasheet(PDF) 115 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 111Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 112Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 113Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 114Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 115Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 116Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 117Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 118Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 136 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
115
NVCC_RESET
V8
—
NVCC_SD1
T7
—
NVCC_SD2
U8
—
NVCC_SPI
R7
—
NVCC_SRTC
AA1
—
NVCC_SSI
R8
—
NVCC_UART
T8
—
POP_EMMC_RST
A19
This is PoP eMMC 4.4 NAND Reset
input pin. This pin does not connect to
the i.MX50. If using eMMC 4.4 NAND,
this pin can be connected to a GPIO.
For non 4.4 eMMC applications, leave
floating.
POP_LPDDR2_1.8V
A20, B19, B20, M5, N5
This is the 1.8V supply for the PoP
LPDDR2. These pins do not connect to
the i.MX50.
POP_LPDDR2_ZQ0
AA24
This is the PoP LPDDR2 ZQ0 pin. This
pin does not connect to the i.MX50.
This should be connected on the PCB
to a 240
Ω 1% resistor to ground
POP_LPDDR2_ZQ1
AA23
This is the PoP LPDDR2 ZQ1 pin. This
pin does not connect to the i.MX50. If
used, this should be connected on the
PCB to a 240
Ω 1% resistor to ground
POP_NAND_VCC
D19, D20
This is the 3.3V I/O and memory supply
for the PoP eMMC NAND. Note that
because the eMMC memory and I/O
domains are shorted together, it is not
possible to support 1.8 V I/O for the PoP
eMMC NAND.
USB_VDDA25
AC9, AD9
Note that on the PoPBGA package,
USB_OTG_VDDA25 and
USB_H1_VDDA25 are shorted
together.
USB_VDDA33
AC11, AD11
Note that on the PoPBGA package,
USB_OTG_VDDA33 and
USB_H1_VDDA33 are shorted
together.
VCC
H14, H15, H16, H17, J17, K14, K15, K17, L15
—
VDD_DCDCI
Y6
—
VDD_DCDCO
Y5
—
VDD1P2
AD6
—
VDD1P8
AD7
—
Table 82. 416 PoPBGA 13 x 13 mm Ground, Power, Sense, and Reference Contact Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com