Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 130Page - STMicroelectronics ST25DV64KC Datasheet HTML 131Page - STMicroelectronics ST25DV64KC Datasheet HTML 132Page - STMicroelectronics ST25DV64KC Datasheet HTML 133Page - STMicroelectronics ST25DV64KC Datasheet HTML 134Page - STMicroelectronics ST25DV64KC Datasheet HTML 135Page - STMicroelectronics ST25DV64KC Datasheet HTML 136Page - STMicroelectronics ST25DV64KC Datasheet HTML 137Page - STMicroelectronics ST25DV64KC Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 203 page
background image
Table 229. Fast Extended Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits(2)
32 bits(2)
16 bits
-
1. This field is optional.
2. Repeated as needed
Response parameters:
•
Block security status if Option_flag is set (see Table 230)
•
N block of data
Table 230. Block security status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future
use All at 0
0: Current not locked
1: Current locked
Table 231. Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: the option is not supported
–
0Fh: error with no information given
–
10h: block address not available
–
15h: block read-protected
Figure 75. Fast Extended Read Multiple Block frame exchange between VCD and ST25DVxxKC
SOF
Fast Extended
Read Multiple
Block request
VCD
ST25DVxxKC
EOF
SOF
Fast Extended
Read Multiple
Block response
EOF
t1
7.6.41
Fast Write Message
On receiving the Fast Write Message command, the ST25DVxxKC puts the data contained in the request into the
mailbox buffer, updates the Message Length register MB_LEN_Dyn, and set Mailbox loaded bit RF_PUT_MSG.
It then reports if the write operation was successful in the response. The ST25DVxxKC mailbox contains up to
256 data bytes which are filled from the first location '00'. MSGlength parameter of the command is the number
of Data bytes minus - 1 (00 for 1 byte of data, FFh for 256 bytes of data). Fast Write Message can be executed
only when Mailbox is accessible by RF (previous RF message was read or time-out occurs, no I2C message to be
read). User can check it by reading b1 of MB_CTRL_Dyn “HOST_PUT_MSG”, which must be reset to “0”. (refer
to Section 5.1 Fast transfer mode (FTM)).
•
The data rate of the response is multiplied by 2 compared to Write Message command.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 134/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com