Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 126Page - STMicroelectronics ST25DV64KC Datasheet HTML 127Page - STMicroelectronics ST25DV64KC Datasheet HTML 128Page - STMicroelectronics ST25DV64KC Datasheet HTML 129Page - STMicroelectronics ST25DV64KC Datasheet HTML 130Page - STMicroelectronics ST25DV64KC Datasheet HTML 131Page - STMicroelectronics ST25DV64KC Datasheet HTML 132Page - STMicroelectronics ST25DV64KC Datasheet HTML 133Page - STMicroelectronics ST25DV64KC Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 203 page
background image
•
Block security status if Option_flag is set (see Table 218)
•
Four bytes of block data
Table 218. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use
All at 0
0: Current Block not locked
1: Current Block locked
Table 219. Fast Read Single Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 72. Fast Read Single Block frame exchange between VCD and ST25DVxxKC
SOF
Fast Read
Single Block
request
VCD
ST25DVxxKC
EOF
SOF
Fast Read
Single Block
response
EOF
t1
7.6.38
Fast Extended Read Single Block
On receiving the Fast Extended Read Single Block command, the ST25DVxxKC reads the requested block and
sends back its 32-bit value in the response. When the Option_flag is set, the response includes the Block Security
Status. The data rate of the response is multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxKC answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command
Table 220. Fast Extended Read Single Block request format
Request
SOF
Request_flags
Fast
Extended
Read Single
Block
IC Mfg code
UID (1)
Block
number
CRC16
Request
EOF
-
8 bits
C4h
02h
64 bits
16 bits
16 bits
-
1. This field is optional.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 130/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com