Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 123Page - STMicroelectronics ST25DV64KC Datasheet HTML 124Page - STMicroelectronics ST25DV64KC Datasheet HTML 125Page - STMicroelectronics ST25DV64KC Datasheet HTML 126Page - STMicroelectronics ST25DV64KC Datasheet HTML 127Page - STMicroelectronics ST25DV64KC Datasheet HTML 128Page - STMicroelectronics ST25DV64KC Datasheet HTML 129Page - STMicroelectronics ST25DV64KC Datasheet HTML 130Page - STMicroelectronics ST25DV64KC Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 203 page
background image
The Wt time is equal to t1nom + N × 302 µs (N is an integer). After a successful write, the new value of the
selected password is automatically activated. It is not required to present the new password value until the
ST25DVxxKC power-down.
Caution:
If ST25DVxxKC is powered through VCC, removing VCC during Write Password command can abort the
command. As a consequence, before writing a new password, RF user should check if VCC is ON, by reading
EH_CTRL_Dyn register bit 3 (VCC_ON), and eventually ask host to maintain or to shut down VCC, during the
Write Password command in order to avoid password corruption.
To make the application more robust, it is recommended to use addressed or selected mode during write
password operations to get the traceability of which tags/UID have been programmed
Table 210. Write Password request format
Request
SOF
Request_flags
Write
password
IC Mfg code
UID (1)
Password
number
Data
CRC16
Request
EOF
-
8 bits
B1h
02h
64 bits
8 bits
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
Password number:
–
00h = RF configuration password RF_PWD_0,
–
01h = RF_PWD_1,
–
02h = RF_PWD_2,
–
03h = RF_PWD_3,
–
other = Error
•
Data
Table 211. Write Password response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
no parameter.
Table 212. Write Password response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
10h: the password number is incorrect
–
12h: update right not granted, Present Password command not previously executed successfully
–
13h: the specified block was not successfully programmed
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 127/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com