Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 122Page - STMicroelectronics ST25DV64KC Datasheet HTML 123Page - STMicroelectronics ST25DV64KC Datasheet HTML 124Page - STMicroelectronics ST25DV64KC Datasheet HTML 125Page - STMicroelectronics ST25DV64KC Datasheet HTML 126Page - STMicroelectronics ST25DV64KC Datasheet HTML 127Page - STMicroelectronics ST25DV64KC Datasheet HTML 128Page - STMicroelectronics ST25DV64KC Datasheet HTML 129Page - STMicroelectronics ST25DV64KC Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 203 page
background image
The subcarrier_flag should be set to 0, otherwise the ST25DVxxKC answers with an error code. The Option_flag
is not supported, and the Inventory_flag must be set to 0.
Table 208. Fast Read Message request format
Request
SOF
Request_flags
Fast Read
Message
IC Mfg
code
UID(1) MBpointer
Number of
Bytes
CRC16
Request
EOF
-
8 bits
CCh
02h
64 bits
8 bits
8 bits
16 bits
-
1. This field is optional
Request parameters:
•
Request flag
•
UID (Optional)
•
Pointer (start at 00h)
•
Number of bytes is one less than the requested data
Table 209. Fast Read Message response format when Error_flag is NOT set
Response SOF
Response_flags
Mailbox content
CRC16
Response EOF
-
8 bits
(Number of bytes + 1) bytes(1)
16 bits
64 bits
1. Number of message Bytes when Number of Bytes is set to 00h
Response parameters:
•
(number of bytes + 1) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
Figure 69. Fast Read Message frame exchange between VCD and ST25DVxxKC
SOF
Fast Read
Message request
VCD
ST25DVxxKC
EOF
SOF
Fast Read
Message response
EOF
t1
7.6.35
Write Password
On receiving the Write Password command, the ST25DVxxKC uses the data contained in the request to write
the password and reports whether the operation was successful in the response. It is possible to modify a
Password value only after issuing a valid Present password command (of the same password number). When
the Option_flag is set, wait for EOF to respond. Refer to Section 5.6 Data protection for details on password
Management. The Inventory_flag must be set to 0.
During the RF write cycle time, Wt, there must be no modulation at all (neither 100% nor 10%), otherwise the
ST25DVxxKC may not correctly program the data into the memory.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 126/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com