Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 125Page - STMicroelectronics ST25DV64KC Datasheet HTML 126Page - STMicroelectronics ST25DV64KC Datasheet HTML 127Page - STMicroelectronics ST25DV64KC Datasheet HTML 128Page - STMicroelectronics ST25DV64KC Datasheet HTML 129Page - STMicroelectronics ST25DV64KC Datasheet HTML 130Page - STMicroelectronics ST25DV64KC Datasheet HTML 131Page - STMicroelectronics ST25DV64KC Datasheet HTML 132Page - STMicroelectronics ST25DV64KC Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 203 page
background image
Table 215. Present Password response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: the present password is incorrect
–
10h: the password number is incorrect
Figure 71. Present Password frame exchange between VCD and ST25DVxxKC
SOF
Present
Password
request
VCD
ST25DVxxKC
EOF
SOF
Present
Password
response
EOF
t1
7.6.37
Fast Read Single Block
On receiving the Fast Read Single Block command, the ST25DVxxKC reads the requested block and sends back
its 32-bit value in the response. When the Option_flag is set, the response includes the Block Security Status. The
data rate of the response is multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxKC answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 216. Fast Read Single Block request format
Request SOF Request_flags Fast Read Single Block IC Mfg code UID (1) Block number CRC16 Request EOF
-
8 bits
C0h
02h
64 bits 8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number
Table 217. Fast Read Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits
32 bits
16 bits
-
1. This field is optional.
Response parameters:
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 129/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com