Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV64KC Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 128Page - STMicroelectronics ST25DV64KC Datasheet HTML 129Page - STMicroelectronics ST25DV64KC Datasheet HTML 130Page - STMicroelectronics ST25DV64KC Datasheet HTML 131Page - STMicroelectronics ST25DV64KC Datasheet HTML 132Page - STMicroelectronics ST25DV64KC Datasheet HTML 133Page - STMicroelectronics ST25DV64KC Datasheet HTML 134Page - STMicroelectronics ST25DV64KC Datasheet HTML 135Page - STMicroelectronics ST25DV64KC Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 203 page
background image
7.6.39
Fast Read Multiple Blocks
On receiving the Fast Read Multiple Blocks command, the ST25DVxxKC reads the selected blocks and sends
back their value in multiples of 32 bits in the response. The blocks are numbered from 00h up to the last block of
user memory in the request, and the value is minus one (–1) in the field. For example, if the “Number of blocks”
field contains the value 06h, seven blocks are read. The maximum number of blocks is fixed to 256. Fast Read
Multiple Blocks command can cross areas borders, and returns all blocks until reaching a non readable block
(block read protected or out of memory).
When the Option_flag is set, the response includes the Block Security Status. The data rate of the response is
multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxKC answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 224. Fast Read Multiple Block request format
Request
SOF
Request_flags
Fast Read
Multiple Block
IC Mfg
code
UID (1)
First block
number
Number of
blocks
CRC16
Request
EOF
-
8 bits
C3h
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (Optional)
•
First block number
•
Number of blocks
Table 225. Fast Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
1. This field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 226)
•
N block of data
Table 226. Block security status if Option_flag is set
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use
All at 0
0: Current not locked
1: Current locked
Table 227. Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 132/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com