Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 119 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 119 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 115Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 116Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 117Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 118Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 119Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 120Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 121Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 122Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 123Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 117
PIC16F616/16HV616
13.0
INSTRUCTION SET SUMMARY
The PIC16F616/16HV616 instruction set is highly
orthogonal and is comprised of three basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal and control operations
Each PIC16 instruction is a 14-bit word divided into an
opcode, which specifies the instruction type and one or
more operands, which further specify the operation of
the instruction. The formats for each of the categories
is presented in Figure 13-1, while the various opcode
fields are summarized in Table 13-1.
Table 13-2 lists the instructions recognized by the
MPASMTM assembler.
For byte-oriented instructions, ‘f’ represents a file
register designator and ‘d’ represents a destination
designator. The file register designator specifies which
file register is to be used by the instruction.
The destination designator specifies where the result of
the operation is to be placed. If ‘d’ is zero, the result is
placed in the W register. If ‘d’ is one, the result is placed
in the file register specified in the instruction.
For bit-oriented instructions, ‘b’ represents a bit field
designator, which selects the bit affected by the
operation, while ‘f’ represents the address of the file in
which the bit is located.
For literal and control operations, ‘k’ represents an
8-bit or 11-bit constant, or literal value.
One instruction cycle consists of four oscillator periods;
for an oscillator frequency of 4 MHz, this gives a normal
instruction execution time of 1
μs. All instructions are
executed within a single instruction cycle, unless a
conditional test is true, or the program counter is
changed as a result of an instruction. When this occurs,
the execution takes two instruction cycles, with the
second cycle executed as a NOP.
All instruction examples use the format ‘0xhh’ to
represent a hexadecimal number, where ‘h’ signifies a
hexadecimal digit.
13.1
Read-Modify-Write Operations
Any instruction that specifies a file register as part of
the instruction performs a Read-Modify-Write (RMW)
operation. The register is read, the data is modified,
and the result is stored according to either the instruc-
tion or the destination designator ‘d’. A read operation
is performed on a register even if the instruction writes
to that register.
For example, a CLRF
PORTA
instruction will read
PORTA, clear all the data bits, then write the result back
to PORTA. This example would have the unintended
consequence of clearing the condition that set the RAIF
flag.
TABLE 13-1:
OPCODE FIELD
DESCRIPTIONS
FIGURE 13-1:
GENERAL FORMAT FOR
INSTRUCTIONS
Field
Description
f
Register file address (0x00 to 0x7F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don’t care location (= 0 or 1).
The assembler will generate code with x = 0.
It is the recommended form of use for
compatibility with all Microchip software tools.
d
Destination select; d = 0: store result in W,
d = 1: store result in file register f.
Default is d = 1.
PC
Program Counter
TO
Time-out bit
C
Carry bit
DC
Digit carry bit
Z
Zero bit
PD
Power-down bit
Byte-oriented file register operations
13
8
7
6
0
d = 0 for destination W
OPCODE
d
f (FILE #)
d = 1 for destination f
f = 7-bit file register address
Bit-oriented file register operations
13
10 9
7 6
0
OPCODE
b (BIT #)
f (FILE #)
b = 3-bit bit address
f = 7-bit file register address
Literal and control operations
13
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
13
11
10
0
OPCODE
k (literal)
k = 11-bit immediate value
General
CALL
and GOTO instructions only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com