Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 122 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 122 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 118Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 119Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 120Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 121Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 122Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 123Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 124Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 125Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 120
Preliminary
© 2006 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, the next
instruction is executed.
If bit ‘b’ is ‘1’, then the next
instruction is discarded and a NOP
is executed instead, making this a
two-cycle instruction.
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return
address (PC + 1) is pushed onto
the stack. The eleven-bit
immediate address is loaded into
PC bits <10:0>. The upper bits of
the PC are loaded from PCLATH.
CALL
is a two-cycle instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z)
is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT.
Status bits TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’,
the result is stored back in
register ‘f’.
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (destination)
Status Affected:
Z
Description:
Decrement register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com