Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 124 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 124 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 120Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 121Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 122Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 123Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 124Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 125Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 126Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 127Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 128Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 122
Preliminary
© 2006 Microchip Technology Inc.
MOVF
Move f
Syntax:
[ label ]
MOVF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Description:
The contents of register ‘f’ is
moved to a destination dependent
upon the status of ‘d’. If d = 0,
destination is W register. If d = 1,
the destination is file register ‘f’
itself. d = 1 is useful to test a file
register since status flag Z is
affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR,
0
After Instruction
W=
value in FSR
register
Z=
1
MOVLW
Move literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Description:
The eight-bit literal ‘k’ is loaded into
W register. The “don’t cares” will
assemble as ‘0’s.
Words:
1
Cycles:
1
Example:
MOVLW
0x5A
After Instruction
W=
0x5A
MOVWF
Move W to f
Syntax:
[ label ]
MOVWF
f
Operands:
0
≤ f ≤ 127
Operation:
(W)
→ (f)
Status Affected:
None
Description:
Move data from W register to
register ‘f’.
Words:
1
Cycles:
1
Example:
MOVW
F
OPTION
Before Instruction
OPTION =
0xFF
W
=
0x4F
After Instruction
OPTION =
0x4F
W
=
0x4F
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com