Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 126 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 126 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 122Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 123Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 124Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 125Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 126Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 127Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 128Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 129Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 124
Preliminary
© 2006 Microchip Technology Inc.
RLF
Rotate Left f through Carry
Syntax:
[ label ]
RLF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry flag. If ‘d’ is ‘0’, the
result is placed in the W register.
If ‘d’ is ‘1’, the result is stored
back in register ‘f’.
Words:
1
Cycles:
1
Example:
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W
=
1100 1100
C=
1
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry flag. If ‘d’ is ‘0’, the
result is placed in the W register.
If ‘d’ is ‘1’, the result is placed
back in register ‘f’.
Register f
C
Register f
C
SLEEP
Enter Sleep mode
Syntax:
[ label ] SLEEP
Operands:
None
Operation:
00h
→ WDT,
0
→ WDT prescaler,
1
→ TO,
0
→ PD
Status Affected:
TO, PD
Description:
The power-down Status bit, PD is
cleared. Time-out Status bit, TO
is set. Watchdog Timer and its
prescaler are cleared.
The processor is put into Sleep
mode with the oscillator stopped.
SUBLW
Subtract W from literal
Syntax:
[ label ] SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k - (W)
→ (W)
Status Affected: C, DC, Z
Description:
The W register is subtracted (2’s
complement method) from the
eight-bit literal ‘k’. The result is
placed in the W register.
Result
Condition
C = 0
W
> k
C = 1
W
≤ k
DC = 0
W<3:0>
> k<3:0>
DC = 1
W<3:0>
≤ k<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com