Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 127 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 127 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 123Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 124Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 125Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 126Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 127Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 128Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 129Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 130Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 131Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 125
PIC16F616/16HV616
SUBWF
Subtract W from f
Syntax:
[ label ] SUBWF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - (W)
→ (destination)
Status Affected: C, DC, Z
Description:
Subtract (2’s complement method)
W register from register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
SWAPF
Swap Nibbles in f
Syntax:
[ label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of
register ‘f’ are exchanged. If ‘d’ is
‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
placed in register ‘f’.
XORLW
Exclusive OR literal with W
Syntax:
[ label ] XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register
are XOR’ed with the eight-bit
literal ‘k’. The result is placed in
the W register.
C = 0
W
> f
C = 1
W
≤ f
DC = 0
W<3:0>
> f<3:0>
DC = 1
W<3:0>
≤ f<3:0>
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com