Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 139 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 139 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 135Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 136Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 137Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 138Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 139Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 140Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 141Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 142Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 143Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 137
PIC16F616/16HV616
15.5
DC Characteristics:
PIC16F616/16HV616-I (Industrial)
PIC16F616/16HV616-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O Port:
D030
with TTL buffer
Vss
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15 VDD
V2.0V
≤ VDD ≤ 4.5V
D031
with Schmitt Trigger buffer
Vss
—
0.2 VDD
V2.0V
≤ VDD ≤ 5.5V
D032
MCLR, OSC1 (RC mode)(1)
VSS
—0.2 VDD
V
D033
OSC1 (XT and LP modes)
VSS
—0.3
V
D033A
OSC1 (HS mode)
VSS
—0.3 VDD
V
VIH
Input High Voltage
I/O ports:
—
D040
with TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25 VDD + 0.8
—
VDD
V2.0V
≤ VDD ≤ 4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V2.0V
≤ VDD ≤ 5.5V
D042
MCLR
0.8 VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
D043A
OSC1 (HS mode)
0.7 VDD
—VDD
V
D043B
OSC1 (RC mode)
0.9 VDD
—VDD
V
(Note 1)
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR(3)
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD
D063
OSC1
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD, XT, HS and
LP oscillator configuration
D070*
IPUR
PORTA Weak Pull-up Current
50
250
400
μAVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(4)
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V (Ind.)
VOH
Output High Voltage(4)
D090
I/O ports
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V (Ind.)
*
These parameters are characterized but not tested.
†
Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com