Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 140 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 140 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 136Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 137Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 138Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 139Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 140Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 141Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 142Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 143Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 144Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 138
Preliminary
© 2006 Microchip Technology Inc.
D100
Capacitive Loading Specs on
Output Pins
D101*
COSC2
OSC2 pin
—
—
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101A* CIO
All I/O pins
—
—
50
pF
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W
-40°C
≤ TA ≤ +85°C
D130A
ED
Cell Endurance
1K
10K
—
E/W
+85°C
≤ TA ≤ +125°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VPEW
VDD for Erase/Write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
2
2.5
ms
D134
TRETD
Characteristic Retention
40
—
—
Year
Provided no other specifications
are violated
15.5
DC Characteristics:
PIC16F616/16HV616-I (Industrial)
PIC16F616/16HV616-E (Extended) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in ‘Typ’ column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com