Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 149 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 149 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 145Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 146Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 147Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 148Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 149Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 150Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 151Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 152Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 153Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 147
PIC16F616/16HV616
FIGURE 15-8:
CAPTURE/COMPARE/PWM TIMINGS (ECCP)
TABLE 15-6:
CAPTURE/COMPARE/PWM REQUIREMENTS (ECCP)
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
CC01*
TccL
CCP1 Input Low Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC02*
TccH
CCP1 Input High Time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
20
—
—
ns
CC03*
TccP
CCP1 Input Period
3TCY + 40
N
—
—
ns
N = prescale
value (1, 4 or
16)
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note:
Refer to Figure 15-2 for load conditions.
(Capture mode)
CC01
CC02
CC03
CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com