Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 151 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 151 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 147Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 148Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 149Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 150Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 151Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 152Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 153Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 154Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 155Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 149
PIC16F616/16HV616
TABLE 15-10: VOLTAGE REFERENCE (V1P2) SPECIFICATIONS
TABLE 15-11: SHUNT REGULATOR SPECIFICATIONS (PIC16HV616 only)
VR Voltage Reference Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Operating Voltage
3.0V
≤ VDD ≤ 5.5V
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
VR05
V1P2OUT
V1P2 voltage output
1.188
1.182
1.176
1.200
1.200
1.200
1.212
1.218
1.224
V
V
V
TA = 25°C
0°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +125°C
VR06
TCVOUT
Voltage drift temperature
coefficient
—
150
TBD
ppm/
°C
VR07
ΔV1P2OUT/
ΔVDD
Voltage drift with respect to
VDD regulation
—
200
—
μV/V
VR08
TSTABLE
Settling Time
—
10
100*
μs
VR09
IV1P2OUT
V1P2 output current
—
—
TBD
μA
Unbuffered 1.2V out
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
SHUNT REGULATOR CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
SR01
VSHUNT
Shunt Voltage
4.25
5
5.25
V
SR02
ISHUNT
Shunt Current
4
—
50
mA
SR03*
TSETTLE Settling Time
—
—
150
ns
To 1% of final value
SR04
CLOAD
Load Capacitance
0.01
—
10
μF
Bypass capacitor on VDD
pin
SR05
ΔISNT
Regulator operating current
—
—
180
μA
Includes band gap refer-
ence current
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com