Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 3 Page - Analog Devices

  LTM4686BIVPBF Datasheet HTML 1Page - Analog Devices LTM4686BIVPBF Datasheet HTML 2Page - Analog Devices LTM4686BIVPBF Datasheet HTML 3Page - Analog Devices LTM4686BIVPBF Datasheet HTML 4Page - Analog Devices LTM4686BIVPBF Datasheet HTML 5Page - Analog Devices LTM4686BIVPBF Datasheet HTML 6Page - Analog Devices LTM4686BIVPBF Datasheet HTML 7Page - Analog Devices LTM4686BIVPBF Datasheet HTML 8Page - Analog Devices LTM4686BIVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
LTM4686B
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VINn (Note 4), SVIN....................................... –0.3V to 6V
VOUTn ........................................................... –0.3V to 6V
VOSNS0+, VORB0+, VOSNS1, VORB1, INTVCC .... –0.3V to 6V
RUNn, SDA, SCL, ALERT........................... –0.3V to 5.5V
FSWPHCFG, VOUTnCFG, VTRIMnCFG, ASEL .. –0.3V to 2.75V
VDD33, GPIOn, SYNC, SHARE_CLK, WP,
COMPna, VOSNS0–, VORB0–................... –0.3V to 3.6V
SGND........................................................ –0.3V to 0.3V
Temperatures
Internal Operating Temperature Range
(Notes 2, 3)........................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature...260°C
(Note 1)
1
2
3
4
5
6
7
TOP VIEW
8
9
M
L
K
J
H
G
F
E
D
C
B
A
VOUT0
VOUT0
FSWPHCFG
GPIO0
GPIO1
VIN0
VIN0
GND
GND
GND
SW0
GND
TSNS0
TSNS0
RUN0
ALERT
GND COMP0b VOSNS0+
VORB0–
SVIN
VORB0+
VOSNS0–
COMP0a
SYNC
SDA
SCL
RUN1
SGND
INTVCC
GND
GND
GND
ASEL VOUT0CFG
VTRIM0CFG VTRIM1CFG SHARE_CLK COMP1a VOSNS1
VOUT1CFG
GND
GND
GND
VOUT1
TSNS0a
TSNS0b
WP
SW1
VDD25
VDD33
COMP1b VORB1
VOUT1
VIN1
VIN1
LGA PACKAGE
108-LEAD (16mm × 11.9mm × 1.82mm)
TJMAX = 125°C, θJA = 9.7°C/W, θJCtop = 5.5°C/W, θJCbot = 3.1°C/W
WEIGHT = 1.1 GRAMS
NOTES:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) REFER TO APPLICATION INFORMATION SECTION FOR LAB MEASUREMENT
AND DERATING INFORMATION.
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4686BEV#PBF
Au (RoHS)
LTM4686BV
e4
LGA
4
–40°C to 125°C
LTM4686BIV#PBF
Au (RoHS)
LTM4686BV
e4
LGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Device temperature grade is indicated by a label on the shipping container.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com