Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 73 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 73 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 69Page - Analog Devices LTM4686BIVPBF Datasheet HTML 70Page - Analog Devices LTM4686BIVPBF Datasheet HTML 71Page - Analog Devices LTM4686BIVPBF Datasheet HTML 72Page - Analog Devices LTM4686BIVPBF Datasheet HTML 73Page - Analog Devices LTM4686BIVPBF Datasheet HTML 74Page - Analog Devices LTM4686BIVPBF Datasheet HTML 75Page - Analog Devices LTM4686BIVPBF Datasheet HTML 76Page - Analog Devices LTM4686BIVPBF Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
LTM4686B
73
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
CIN1
10µF
×4
CIN5
150µF
10k
×7
VIN
4.5V TO 5.75V
PWM CLOCK SYNCH.
TIME BASE SYNCH.
COUT(MLCC)
100µF
×10
COUT(BULK)
330µF
×10
VOUT, 1V
ADJUSTABLE
UP TO 108A (130A PEAK)
VOUT0
TSNS0
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
LOAD
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
U1
LTM4686B
+
SMBus INTERFACE WITH
PMBus COMMAND SET
U1: SLAVE ADDRESS = 1000000_R/W (0x40)
U2: SLAVE ADDRESS = 1000001_R/W (0x41)
U3: SLAVE ADDRESS = 1000010_R/W (0x42)
U4: SLAVE ADDRESS = 1000011_R/W (0x43)
750kHz SWITCHING FREQUENCY WITH
INTERLEAVING
NO GUI CONFIGURATION AND NO PART-SPECIFIC
PROGRAMMING REQUIRED
IN MULTI-MODULE SYSTEMS, CONFIGURING
RAIL_ADDRESS IS RECOMMENDED
ELECTRICALLY UNCONNECTED PINS
VORB0+, VORB0– AND VORB1 NOT SHOWN
SETTING MFR_PWM_CONFIG[7] = 1b,
CONFIGURES THE VOUT1 CONTROL LOOP
TO USE THE VOSNS0+/VOSNS0– DIFFERENTIAL-
SENSE PIN-PAIR AS THE FEEDBACK SIGNAL
FOR REGULATING VOUT1.
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
CIN2
10µF
×4
VOUT0
TSNS0
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
1.65k
1%
±50ppm/°C
787
1%
±50ppm/°C
U2
LTM4686B
10.7k
1%
±50ppm/°C
CIN3
10µF
×4
VOUT0
TSNS0
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
3.24k
1%
±50ppm/°C
1.65k
1%
±50ppm/°C
U3
LTM4686B
CIN4
10µF
×4
VOUT0
TSNS0
VOSNS0+
VOSNS0–
VINO
VIN1
SVIN
VDD33
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
1.21k
1%
±50ppm/°C
4686B F32
CTHP
220pF
CTH
3.3nF
RTH
1.65k
U4
LTM4686B
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
VOUT1
TSNS1a
TSNS1b
VOSNS1
SGND
Figure 32. Four Paralleled LTM4686B Producing 1VOUT at Up to 108A. Integrated Power System Management Features Accessible
Over 2-Wire I2C/SMBus/PMBus Serial Interface. Evaluated on DC1989B-C, Custom-Stuffed with LTM4686B Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com