Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 55 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 55 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 51Page - Analog Devices LTM4686BIVPBF Datasheet HTML 52Page - Analog Devices LTM4686BIVPBF Datasheet HTML 53Page - Analog Devices LTM4686BIVPBF Datasheet HTML 54Page - Analog Devices LTM4686BIVPBF Datasheet HTML 55Page - Analog Devices LTM4686BIVPBF Datasheet HTML 56Page - Analog Devices LTM4686BIVPBF Datasheet HTML 57Page - Analog Devices LTM4686BIVPBF Datasheet HTML 58Page - Analog Devices LTM4686BIVPBF Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
LTM4686B
55
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
All the above pins interface to pull-down transistors
within the module that can sink 3mA at 0.4V. The low
threshold on the pins is 0.8V; thus, plenty of margin
on the digital signals with 3mA of current. For 3.3V
pins, 3mA of current is a 1.1k resistor. Unless there
are transient speed issues associated with the RC time
constant of the resistor pull-up and parasitic capaci-
tance to ground, a 10k resistor or larger is generally
recommended.
For high speed signals such as the SDA, SCL and SYNC,
a lower value resistor may be required. The RC time con-
stant should be set to 1/3 to 1/5 the required rise time
to avoid timing issues. For a 100pF load and a 400kHz
PMBus communication rate, the rise time must be less
than 300ns. The resistor pull-up on the SDA and SCL
pins with the time constant set to 1/3 the rise time is
give by Equation 4.
RPULLUP =
tRISE
3•100pF
=1k
(4)
Be careful to minimize parasitic capacitance on the SDA
and SCL pins to avoid communication problems. To esti-
mate the loading capacitance, monitor the signal in ques-
tion and measure how long it takes for the desired signal
to reach approximately 63% of the output value. This is
one time constant.
The SYNC pin interfaces to a pull-down transistor within
the module whose output is held low for nominally 500ns
per switching period. If the internal oscillator is set for
500kHz and the load is 100pF and a 3x time constant is
required, the resistor calculation is given by Equation 5.
RPULLUP =
2µs– 500ns
3•100pF
= 5k
(5)
The closest 1% resistor is 4.99k.
If timing errors are occurring or if the SYNC frequency is
not as fast as desired, monitor the waveform and deter-
mine if the RC time constant is too long for the application.
If possible reduce the parasitic capacitance. If not reduce
the pull up resistor sufficiently to assure proper timing.
PHASE-LOCKED LOOP AND FREQUENCY
SYNCHRONIZATION
The LTM4686B has a phase-locked loop (PLL) comprised
of an internal voltage-controlled oscillator (VCO) and a
phase detector. The PLL is locked to the falling edge of
the SYNC pin. The phase relationship between channel 0,
channel 1 and the falling edge of SYNC is controlled by
the lower 3 bits of the MFR_PWM_CONFIG command. For
PolyPhase applications, it is recommended all the phases
be spaced evenly. Thus for a 2-phase system the signals
should be 180° out of phase and a 4-phase system should
be spaced 90°.
The phase detector is an edge-sensitive digital type that
provides a known phase shift between the external and
internal oscillators. This type of phase detector does not
exhibit false lock to harmonics of the external clock.
The output of the phase detector is a pair of complemen-
tary current sources that charge or discharge the internal
filter network. The PLL lock range is guaranteed between
450kHz and 1.05MHz.
The PLL has a lock detection circuit. If the PLL should
lose lock during operation, bit 4 of the STATUS_MFR_
SPECIFIC command is asserted and the ALERT pin is
pulled low. The fault can be cleared by writing a 1 to
the bit. If the user does not wish to see the PLL_FAULT,
even if a synchronization clock is not available at power
up, bit 3 of the MFR_CONFIG_ALL command must be
asserted.
If the SYNC signal is not clocking in the application, the
PLL runs at the lowest free running frequency of the VCO.
This will be well below the intended PWM frequency of
the application and may cause undesirable operation of
the converter.
If the PWM (SWn) signal appears to be running at too
high a frequency, monitor the SYNC pin. Extra transitions
on the falling edge will result in the PLL trying to lock on
to noise instead of the intended signal. Review routing of
digital control signals and minimize crosstalk to the SYNC
signal to avoid this problem. Multiple LTM4686Bs are
required to share the SYNC pin in PolyPhase configura-
tions; for other configurations, it is optional. If the SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com