Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 11Page - Analog Devices LTM4686BIVPBF Datasheet HTML 12Page - Analog Devices LTM4686BIVPBF Datasheet HTML 13Page - Analog Devices LTM4686BIVPBF Datasheet HTML 14Page - Analog Devices LTM4686BIVPBF Datasheet HTML 15Page - Analog Devices LTM4686BIVPBF Datasheet HTML 16Page - Analog Devices LTM4686BIVPBF Datasheet HTML 17Page - Analog Devices LTM4686BIVPBF Datasheet HTML 18Page - Analog Devices LTM4686BIVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
LTM4686B
15
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
(terminated to SGND) introduce high frequency roll off of
the error-amplifier response, yielding good noise rejection
in the control loop. See COMP0b/COMP1b.
VOSNS0– (E7): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS0+.
VORB0– (E8): Channel 0 Negative Readback Pin. Shorted
to VOSNS0– internal to the LTM4686B. If desired, place
a test point on this node and measure its impedance to
GND on one’s hardware (e.g., motherboard, during ICT
post-assembly process) to provide a means of verifying
the integrity of the feedback signal connection between
VOSNS0– and GND (VOUT0 power return).
RUN0, RUN1 (F3 and F4, Respectively): Enable Run
Input for Channels 0 and 1, Respectively. Open-drain
input and output. Logic high on these pins enables the
respective outputs of the LTM4686B. These open-drain
output pins hold the pin low until the LTM4686B is out of
reset and SVIN is detected to exceed VIN_ON. A pull-up
resistor to 3.3V is required in the application. Do not pull
RUN logic high with a low impedance source.
SGND (F5–F6, G5–G6): Channel 1 Negative Voltage Sense
Input. See VOSNS1. Additionally, SGND is the signal ground
return path of the LTM4686B. If desired, one may place a test
point on one of the four SGND pins and measure its imped-
ance to GND on one’s hardware (e.g., motherboard, during
ICT post-assembly process) to provide a means of verify-
ing the integrity of the feedback signal connection between
the other three SGND pins and GND (VOUT1 power return).
SGND is not electrically connected to GND internal to the
LTM4686B. Connect SGND to GND local to the LTM4686B.
INTVCC (F7,G7):ControlCircuitandMOSFETDriverBiasPin.
Always connect to SVIN. No external decoupling is required.
SVIN (F9): Input Supply for LTM4686B’s Internal Control
IC. In most applications, SVIN connects to VIN0 and/or
VIN1, in which case no external decoupling beyond that
already allocated for VIN0/VIN1 is required. If SVIN is oper-
ated from an auxiliary supply separate from VIN0/VIN1,
decouple this pin to GND with a capacitor (0.1μF to 1μF).
ASEL (G2): Serial Bus Address Configuration Pin. On
any given I2C/SMBus serial bus segment, every device
must have its own unique slave address. If this pin is
left open, the LTM4686B powers up to a slave address
set by MFR_ADDRESS[6:0] (see Table 5). The factory-
default setting is 0x4F (hexadecimal), i.e., 1001111b
(industry standard convention is used throughout this
document: 7-bit slave addressing). The lower four bits of
the LTM4686B’s slave address can be altered from the
NVM-set value by connecting a resistor from this pin to
SGND. Minimize capacitance—especially when the pin is
left open—to assure accurate detection of the pin state.
VOUT0CFG (G3): Output Voltage Select Pin for VOUT0, Coarse
Setting. If the VOUT0CFG and VTRIM0CFG pins are both left
open—or, if the LTM4686B is configured to ignore pin-
strap (RCONFIG) resistors, i.e., MFR_CONFIG_ALL[6] =
1b—then the LTM4686B’s target VOUT0 output voltage set-
ting (VOUT_COMMAND0) and associated power-good and
OV/UV warning and fault thresholds are dictated at SVIN
power-up according to the LTM4686B’s NVM contents.
A resistor* connected from this pin to SGND—in combi-
nation with resistor pin settings on VTRIM0CFG, and using
the factory-default NVM setting of MFR_CONFIG_ALL[6] =
0b—can be used to configure the LTM4686B’s Channel
0 output to power-up to a VOUT_COMMAND value (and
associated output voltage monitoring and protection/fault-
detection thresholds) different from those of NVM contents.
(See the Applications Information section.) Connecting
resistor(s) from VOUT0CFG to SGND and/or VTRIM0CFG to
SGND in this manner allows a convenient way to configure
multiple LTM4686Bs with identical NVM contents for dif-
ferent output voltage settings—all without GUI interven-
tion or the need to “custom-pre-program” module NVM
contents. Minimize capacitance—especially when the pin
is left open—to assure accurate detection of the pin state.
Note that use of RCONFIGs* on VOUT0CFG/VTRIM0CFG can
affect the VOUT0 range setting (MFR_PWM_MODE0[1])
and loop gain.
VOUT1CFG (G4): Output Voltage Select Pin for VOUT1,
Coarse Setting. If the VOUT1CFG and VTRIM1CFG pins are
both left open—or, if the LTM4686B is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4686B’s target VOUT1 output
voltage setting (VOUT_COMMAND1) and associated OV/
*In applications where VOUT0 and VOUT1 are paralleled, the respective VOUTnCFG and VTRIMnCFG
pin-pairs can be electrically connected together; common RCONFIG resistors can be applied,
whose values are half of what is prescribed in Table 2 and Table 3. See Figure 35, for example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com