Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 100 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 100 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 96Page - Analog Devices LTM4686BIVPBF Datasheet HTML 97Page - Analog Devices LTM4686BIVPBF Datasheet HTML 98Page - Analog Devices LTM4686BIVPBF Datasheet HTML 99Page - Analog Devices LTM4686BIVPBF Datasheet HTML 100Page - Analog Devices LTM4686BIVPBF Datasheet HTML 101Page - Analog Devices LTM4686BIVPBF Datasheet HTML 102Page - Analog Devices LTM4686BIVPBF Datasheet HTML 103Page - Analog Devices LTM4686BIVPBF Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 130 page
background image
LTM4686B
100
Rev. 0
For more information www.analog.com
APPENDIX C: PMBUS COMMAND DETAILS
Fault Responses Output Voltage
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
VOUT_OV_FAULT_RESPONSE
0x41
Action to be taken by the device when an
output overvoltage fault is detected.
R/W Byte
Y
Reg
Y
0x80
VOUT_UV_FAULT_RESPONSE
0x45
Action to be taken by the device when an
output undervoltage fault is detected.
R/W Byte
Y
Reg
Y
0xB8
TON_MAX_FAULT_
RESPONSE
0x63
Action to be taken by the device when a
TON_MAX_FAULT event is detected.
R/W Byte
Y
Reg
Y
0xB8
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
overvoltage fault. The data byte is in the format given in Table 24.
The device also:
• Sets the VOUT_OV bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT Overvoltage Fault bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked.
The only value recognized for this command are:
0x80–The device shuts down (disables the output) and the unit does not attempt to retry. The output remains disabled
until the fault is cleared (PMBus, Part II, Section 10.7).
0xB8–The device shuts down (disables the output) and device attempts retry continuously, without limitation, until
it is commanded OFF (by the RUN pin or OPERATION command or both), bias power is removed, or another fault
condition causes the unit to shut down.
0x4n The device shuts down and the unit does not attempt to retry. The output remains disabled until the part is com-
manded OFF then ON or the RUN pin is asserted low then high or MFR_RESET or RESTORE_USER_ALL through the
command or removal of SVIN. The OV fault must remain active for a period of n • 10µs, where n is a value from 0 to 7.
0x78+n The device shuts down and the unit attempts to retry continuously until either the fault condition is cleared or
the part is commanded OFF then ON or the RUN pin is asserted low then high or MFR_RESET or RESTORE_USER_ALL
through the command or removal of SVIN. The OV fault must remain active for a period of n • 10µs, where n is a value
from 0 to 7.
Any other value will result in a CML fault and the write will be ignored.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com