Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 26Page - Analog Devices LTM4686BIVPBF Datasheet HTML 27Page - Analog Devices LTM4686BIVPBF Datasheet HTML 28Page - Analog Devices LTM4686BIVPBF Datasheet HTML 29Page - Analog Devices LTM4686BIVPBF Datasheet HTML 30Page - Analog Devices LTM4686BIVPBF Datasheet HTML 31Page - Analog Devices LTM4686BIVPBF Datasheet HTML 32Page - Analog Devices LTM4686BIVPBF Datasheet HTML 33Page - Analog Devices LTM4686BIVPBF Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
LTM4686B
30
Rev. 0
For more information www.analog.com
OPERATION
pin of the LTM4686B and the respective GPIOn pin. (See
Figure 1). If the GPIOn pin is configured as a PGOOD
indicator, the MFR_GPIO_RESPONSEn must be set to
“ignore” (factory-default 0x00), or else the LTM4686B
cannot start up due to the latch-off conditions imposed.
LTM4686B
Voltage Based Sequencing by Cascading GPIO
n Pins Into RUNn Pins
(MFR_GPIO_PROPAGATE = XXX1X00XX00XXXXXb and MFR_GPIO_RESPONSE = 0x00)
GPIO0 = VOUT0_UVUF
GPIO1 = VOUT1_UVUF
RUN1
NOTE: RESISTOR OR RC PULL-UPS ON RUNn AND GPIOn PINS NOT SHOWN
*OPTIONAL SIGNAL SCHOTTKY DIODE. ONLY NEEDED WHEN ACCURATE PGOOD
(POWER GOOD) INDICATION IS REQURED BY THE SYSTEM/USER IMMEDIATELY
AT SVIN POWER UP
RUN0
START
LTM4686B
4686B F01
RUN0
GPIO0 = VOUT0_UVUF
GPIO1 = VOUT1_UVUF
TO NEXT CHANNEL
IN THE SEQUENCE
RUN1
*
*
*
*
Figure 1. Event (Voltage) Based Sequencing
The RUNn pin is a bidirectional open-drain pin. This means
it should never be driven logic high from a low imped-
ance source. Instead, simply provide a 10k pull-up resis-
tor from the RUNn pins to VDD33. The LTM4686B pulls
its RUNn pin logic low during NVM-download-to-RAM
initialization, when SVIN is below the commanded under-
voltage lockout voltage (VIN_ON, rising and VIN_OFF,
falling), and subsequent to external stimulus pulling RUN
low—for a minimum time dictated by MFR_RESTART_
DELAYn. Bussing the respective RUNn and GPIOn pins to
sibling LTM4686B modules enables coordinated power-
up/power-down to be well orchestrated, i.e., performing
turn-on and turn-off in a unified fashion.
When RUNn exceeds 1.35V, the LTM4686B initially idles
for a time dictated by the TON_DELAYn register. After
the TON_DELAYn time expires, the module begins ramp-
ing up the respective control loop’s internal reference,
starting from 0V. In the absence of a prebiased VOUTn
condition, the output voltage is ramped linearly from 0V
to the commanded target voltage, with a ramp-up time
dictated by the TON_RISEn register. In the presence of a
prebiased VOUTn condition, the output voltage is brought
into regulation in the same manner as aforementioned,
with the exception that inductor current is prevented
from going negative (the module’s controller is oper-
ated in discontinuous mode operation during start-up).
In both cases, the output voltage reaches regulation in a
consistent time, as measured with respect to RUNn tog-
gling high. See start-up oscilloscope shots in the Typical
Performance Characteristics section.
Pulling the RUNn pin below 0.8V turns off the DC/DC
converter, i.e., forces the respective regulator into a shut-
down state. Factory NVM-default settings configure the
LTM4686B to turn off its power stage MOSFETs imme-
diately, thereby becoming high impedance. The output
voltage then decays according to whatever output capaci-
tance and load impedance is present. Alternatively, NVM/
register settings can configure the LTM4686B to actively
discharge VOUTn when RUNn is pulled logic low, accord-
ing to prescribed TOFF_DELAYn delay and TOFF_FALLn
ramp-down times. See the Applications Information
section for details. The LTM4686B does not feature
an explicit, analog TRACK pin. Rail-to-rail tracking and
sequencing is handled digitally, as explained previously.
Bussing the open-drain SHARE_CLK pins of all
LTM4686Bs (and providing a pull-up resistor to VDD33)
provides a means for all LTM4686Bs in the system to
synchronize their time-base (or “heartbeat”) to the fast-
est SHARE_CLK clock. Sharing the heartbeat amongst all
LTM4686B ensures that all rails are sequenced according
to expectations; it negates timing errors that could other-
wise materialize due to SHARE_CLK (time-base) tolerance
and part-to-part variation.
Current sense information is derived from across the
power inductors internal to the LTM4686B and made
available to the internal control IC’s current control loops
and ADC sensors. Output current readback telemetry is
available over I2C (READ_IOUT
n registers). Peak output
current readback telemetry is available in the MFR_READ_
IOUT_PEAKn registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com