Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 43 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 43 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 39Page - Analog Devices LTM4686BIVPBF Datasheet HTML 40Page - Analog Devices LTM4686BIVPBF Datasheet HTML 41Page - Analog Devices LTM4686BIVPBF Datasheet HTML 42Page - Analog Devices LTM4686BIVPBF Datasheet HTML 43Page - Analog Devices LTM4686BIVPBF Datasheet HTML 44Page - Analog Devices LTM4686BIVPBF Datasheet HTML 45Page - Analog Devices LTM4686BIVPBF Datasheet HTML 46Page - Analog Devices LTM4686BIVPBF Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 130 page
background image
LTM4686B
43
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 1. Summary of Supported Commands
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4686B NVM FACTORY-DEFAULT VALUE AND/OR ATTRIBUTES
PAGE
MFR_
TEMPERATURE_1_
PEAKn
0xDF
Maximum value of TSNSna
measured temperature since the
last MFR_CLEAR_PEAKS.
Default value not applicable, read-only, paged, not stored in NVM.
118
MFR_CLEAR_PEAKS
0xE3
Clears all peak values.
Default value not applicable, send byte only, non-paged, not stored in
NVM.
110
MFR_PADS
0xE5
Digital status of the I/O pads.
Default value not applicable, read-only, non-paged, not stored in NVM.
114
MFR_ADDRESS
0xE6
LTM4686B’s I2C slave address,
right-justified.
0x4F, read/write, non-paged, stored in user-editable NVM. Bits[6:4]
represent the user-configurable upper 3 bits of the 7-bit slave address of
the device. Bits[3:0] are dictated by the ASEL resistor pin-strap setting.
Setting this command to 0x80 disables device-specific addressing.
84
MFR_SPECIAL_ID
0xE7
Manufacturer code representing IC
silicon and revision
0x477X, read-only, non-paged.
109
MFR_IIN_OFFSETn
0xE9
Coefficient used in calculations of
READ_IIN and MFR_READ_IINn,
representing the contribution of
input current drawn by the control
IC, including the MOSFET drivers.
0x9315 (0.04816A), read/write, paged, stored in user-editable NVM.
92
MFR_FAULT_LOG_
STORE
0xEA
Commands a transfer of the fault
log from RAM to EEPROM. This
causes the part to behave as if a
channel has faulted off.
Default value not applicable, send byte only, non-paged, not stored in
NVM.
126
MFR_FAULT_LOG_
CLEAR
0xEC
Initialize the EEPROM block
reserved for fault logging and
clear any previous fault logging
locks.
Default value not applicable, send byte only, non-paged, not stored in
NVM.
126
MFR_READ_IINn
0xED
Calculated input current, by
channel.
Default value not applicable, read-only, paged, not stored in NVM.
117
MFR_FAULT_LOG
0xEE
Fault log data bytes. This
sequentially retrieved data is used
to assemble a complete fault log.
Default value not applicable, read-only, non-paged, stored in fault-log
NVM.
125
MFR_COMMON
0xEF
Manufacturer status bits that are
common across multiple ADI PSM
ICs/modules.
Default value not applicable, read-only, non-paged, not stored in NVM.
114
MFR_COMPARE_
USER_ALL
0xF0
Compares current command
contents (RAM) with NVM.
Default value not applicable, send byte only, non-paged, not stored in
NVM.
121
MFR_
TEMPERATURE_2_
PEAK
0xF4
Maximum measured control IC
junction temperature since last
MFR_CLEAR_PEAKS.
Default value not applicable, read-only, non-paged, not stored in NVM.
118
MFR_PWM_
CONFIG_*
0xF5
Configuration bits for setting
the phase interleaving angles of
Channels 0 and 1, SHARE_CLK
behavior in UVLO, and using
the fully differential amplifier
to regulate paralleled output
channels.
0x10, read/write, non-paged, stored in user-editable NVM. When bit 7 is
0b, Channel 1’s output is regulated by the VOSNS1 and SGND feedback
signals. When bit 7 is 1b, Channel 1’s output is regulated by the VOSNS0+
and VOSNS0– feedback signals. Only set bit 7 to 1b for PolyPhase rail
applications. The command is named MFR_PWM_CONFIG and referred to
as MFR_PWM_CONFIG_LTM468X in LTpowerPlay.
88
MFR_IOUT_CAL_
GAIN_TCn
0xF6
Temperature coefficient of the
current sensing element.
0x0F14 (3860ppm/°C), read/write, paged, stored in user-editable NVM.
93
MFR_TEMP_1_GAINn
0xF8
Sets the slope of the temperature
sensors that interface to TSNSna.
0x3FAE (0.995, in custom units), read/write, paged, stored in user-editable
NVM.
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com