Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4686BIVPBF Datasheet(PDF) 47 Page - Analog Devices

Part # LTM4686BIVPBF
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686BIVPBF Datasheet(HTML) 47 Page - Analog Devices

Back Button LTM4686BIVPBF Datasheet HTML 43Page - Analog Devices LTM4686BIVPBF Datasheet HTML 44Page - Analog Devices LTM4686BIVPBF Datasheet HTML 45Page - Analog Devices LTM4686BIVPBF Datasheet HTML 46Page - Analog Devices LTM4686BIVPBF Datasheet HTML 47Page - Analog Devices LTM4686BIVPBF Datasheet HTML 48Page - Analog Devices LTM4686BIVPBF Datasheet HTML 49Page - Analog Devices LTM4686BIVPBF Datasheet HTML 50Page - Analog Devices LTM4686BIVPBF Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
Table 6. LTM4686B MFR_ADDRESS Command Examples
Expressed in 7- and 8-Bit Addressing
DESCRIPTION
HEX DEVICE
ADDRESS BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0 R/W
7 BIT 8 BIT
Rail4
0x5A 0xB4 0
1
0
1
1
0
1
0
0
Global4
0x5B 0xB6 0
1
0
1
1
0
1
1
0
Default
0x4F 0x9E 0
1
0
0
1
1
1
1
0
Example 1
0x40 0x80 0
1
0
0
0
0
0
0
0
Example 2
0x41 0x82 0
1
0
0
0
0
0
1
0
Disabled2,3
1
0
0
0
0
0
0
0
0
Note 1: This table can be applied to the MFR_RAIL_ADDRESSn command,
but not the MFR_ADDRESS command.
Note 2: A disabled value in one command does not disable the device, nor
does it disable the Global address.
Note 3: A disabled value in one command does not inhibit the device from
responding to device addresses specified in other commands.
Note 4: It is not recommended to write the value 0x00, 0x0C
(7 bit), 0x5A (7 bit), 0x5B (7 bit), or 0x7C (7 bit) to the MFR_RAIL_
ADDRESSn or MFR_ADDRESS commands.
Table 5. ASEL Pin Strapping Look-Up Table to Set the
LTM4686B’s MFR_ADDRESS (Applicable Regardless of
MFR_CONFIG_ALL[6] Setting)
RASEL* (kΩ)
SLAVE ADDRESS
Open
MFR_ADDRESS[6:0]_R/W
32.4
MFR_ADDRESS[6:4]_1111_R/W
22.6
MFR_ADDRESS[6:4]_1110_R/W
18.0
MFR_ADDRESS[6:4]_1101_R/W
15.4
MFR_ADDRESS[6:4]_1100_R/W
12.7
MFR_ADDRESS[6:4]_1011_R/W
10.7
MFR_ADDRESS[6:4]_1010_R/W
9.09
MFR_ADDRESS[6:4]_1001_R/W
7.68
MFR_ADDRESS[6:4]_1000_R/W
6.34
MFR_ADDRESS[6:4]_0111_R/W
5.23
MFR_ADDRESS[6:4]_0110_R/W
4.22
MFR_ADDRESS[6:4]_0101_R/W
3.24
MFR_ADDRESS[6:4]_0100_R/W
2.43
MFR_ADDRESS[6:4]_0011_R/W
1.65
MFR_ADDRESS[6:4]_0010_R/W
0.787
MFR_ADDRESS[6:4]_0001_R/W
0
MFR_ADDRESS[6:4]_0000_R/W
where:
R/W = Read/Write bit in control byte.
All PMBus device addresses listed in the specification are 7 bits wide
unless otherwise noted.
Note: The LTM4686B will always respond to slave address 0x5A and
0x5B regardless of the NVM or ASEL resistor configuration values.
*RASEL value indicated is nominal. Select RASEL from a resistor vendor
such that its value is always within 3% of the value indicated in the
table. Take into account resistor initial tolerance, T.C.R. and resistor
operating temperatures, soldering heat/IR reflow, and endurance of the
resistor over its lifetime. Thermal shock cycling, moisture (humidity)
and other effects (depending on one’s specific application) could also
affect RASEL’s value over time. All such effects must be taken into
account in order for resistor pin-strapping to yield the expected result
at every SVIN power-up and/or every execution of MFR_RESET or
RESTORE_USER_ALL, over the lifetime of one’s product.
LTM4686B
47
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com